Part Number Hot Search : 
PC181 MM5Z30VB ST72F32 CP601 D10SCM TELB82 A4506 6K25G
Product Description
Full Text Search
 

To Download 45NE15BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Filter
45-90 MHz-Series MCF
n Features
Because this MCF has a built-in transformer, it is possible to match an input/output circuit with various impedance values. l Compact and light. l Stable temperature characteristics. l This product can be manufactured according to your requested terminating impedance value. l Because it has already been completely adjusted, no adjustment is needed before use. l It can be manufactured with a wide frequency band. Caution * Because it has a non-enclosed structure, it cannot be washed.
Type: with a Built-in Transformer
n Specifications
Model Nominal frequency Channel spacing 3 dB passband width Stop bandwidth Ripple Insertion loss (insertion attenuation) Guaranteed attenuation Spurious characteristics Terminating impedance Operating temperature range Package type Code for placing an order
45NE7.5BB-45MFN15-840 45NE15BC-45MFN15-841 30 dB min. 20 dB min. 45NE7.5BB 45MH z 12.5k Hz 3.75k Hz 12.5 kHz max. at 25 dB 45NE15BC 45MH z 25k Hz 7.5k Hz 25 kHz max. at 30 dB 70NE7.5B 70MH z 12.5k Hz 3.75k Hz 12.5 kHz max. at 25 dB 2 dB max. 6 dB max. 70 dB min. at 910 kHz 30 dB min. 20 dB min. 30 dB min. 20 dB min. 70NE15B 70MH z 25k Hz 7.5k Hz 25 kHz max. at 30 dB 90NE7.5BB 90MH z 12.5k Hz 3.75k Hz 12.5 kHz max. at 25 dB 90NE15BC 90MH z 25k Hz 7.5k Hz 25 kHz max. at 30 dB
50//0pF -20 to +70C D-168 70NE7.5B-70MFN15-842 70NE15B-70MFN15-843 90NE7.5BB-90MFN15-844 90NE15BC-90MFN15-845
n Dimensions
D-168
n Characteristics
mm
ATT.(dB)
10 20 30 40 50 60 (A)
Channel spacing 12.5kHz
10.5max
41
70 80 (B)
4min
1.50.5 4-0.8max
(A) (B)
-25 -1.0
-20 -0.8
-15 -0.6
-10 -0.4
-5 -0.2
0
5 0.2
10 0.4
15 0.6
20 0.8
25 (kHz) 1.0 (MHz)
Channel spacing 25kHz
ATT.(dB)
10 20 30 40 50 60 70 (A)
IN
OUT 4.6 3.5 10.5max
GND
11.60.5 18.5max
GND
80 90
(B)
(A) (B)
-50 -1.0
-40 -0.8
-30 -0.6
-20 -0.4
-10 -0.2
0
10 0.2
20 0.4
30 0.6
40 0.8
50 (kHz) 1.0 (MHz)
cf20_071102_45-90MCF_e1


▲Up To Search▲   

 
Price & Availability of 45NE15BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X